PART |
Description |
Maker |
MAX4391 MAX4391C_D MAX4391CPA MAX4391CSA MAX4391EJ |
CMOS, Micropower, Inverting Switching Regulator CMOS Micropower Inverting Switching Regulator 350-mW Mono Class-AB Audio Amplifier with Differential Inputs 8-SOIC -40 to 85 350-mW Mono Class-AB Audio Amplifier with Differential Inputs 8-MSOP-PowerPAD -40 to 85 0.525 A SWITCHING REGULATOR, 75 kHz SWITCHING FREQ-MAX, PDIP8
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AIC1652 AIC1652CN AIC1652CS |
MICROPOWER INVERTING DC/DC CONVERTER
|
Analog Integrations Corporation AIC[Analog Intergrations Corporation]
|
1653 AIC1653CVTR AIC1653 AIC1653CVBG |
Micropower Inverting DC/DC Converter in SOT-23-5
|
Analog Integrations Corporation AIC[Analog Intergrations Corporation]
|
LT3483EDC-PBF LT3483ES6-PBF LT3483IDC-PBF LT3483IS |
Inverting Micropower DC/DC Converter with Schottky
|
Linear Technology
|
LT3483A |
Inverting Micropower DC/DC Converters with Schottky
|
Linear Technology
|
5TT6 5TT8 5TT2 5TT3 5TT4 5TT5 5TT125 5TTP1.25 5TTP |
1ppm/°C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References CMOS, Micropower, Inverting Switching Regulator 150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit Dual/Triple-Voltage µP Supervisory Circuits
|
|
MC74LCX0805 MC74LCX125DG MC74LCX12505 MC74LCX138DR |
Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad Buffer With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS 3-to-8 Decoder/Demultiplexer With 5 V?Tolerant Inputs Dual Low?Voltage CMOS 2?to?4 Decoder/Demultiplexer With 5V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs (Non?Inverting) Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs (Inverting) Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V−Tolerant Inputs (Inverting)
|
ONSEMI[ON Semiconductor]
|
XC7SH14GV XC7SH14GW XC7SH14 |
High-speed Si-gate CMOS device, inverting buffer function with Schmitt trigger action Inverting Schmitt trigger
|
NXP Semiconductors
|
BC848 BC847C BC847B BC847A BC849B BC849C BC849 BC8 |
High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-SOIC -55 to 125 High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer 24-PDIP -55 to 125 SURFACE MOUNT SI-EPITAXIAL PLANARTRANSISTORS
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor]
|
AD8603 AD8603AUJ-R2 AD8603AUJ-REEL AD8603AUJ-REEL7 |
Precision Single MicroPower Rail to Rail Input/Output Low Noise CMOS Operational Amplifier Precision Dual MicroPower Rail-to-Rail Input/Output Amplifier Precision Micropower Low Noise CMOS Rail-Rail Input/Output Operational Amplifiers DUAL OP-AMP, 700 uV OFFSET-MAX, 0.385 MHz BAND WIDTH, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
MC74HC125A HC125 MC74HC125AD MC74HC125ADT MC74HC12 |
Buffer, Non-Inverting 3-State Quad 3-State Non-Inverting Buffer Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
|
ONSEMI[ON Semiconductor]
|